データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX10803 データシート(PDF) 5 Page - Melexis Microelectronic Systems

部品番号 MLX10803
部品情報  High power LED driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10803 データシート(HTML) 5 Page - Melexis Microelectronic Systems

  MLX10803 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IC specification
MLX10803
High power LED driver
3901010803
Page 5/25
Data Sheet
Rev026
Jun/2012
1.1.2. Principle soft start up LED driver diagram
ROSC
IREF2
VREF
GND
RSENSE
DRVGATE
VS/PWM
VBAT
GND
100nF
Cap for EMC directly
on the connector
100nF...1uF
IREF1
Figure 1:
1.1.3. LED driver application notes
The MLX10803 is optimised for the use of low cost coils and n-channel MOSFETs. For a standard application with
1 LED and an average current of 350mA, a coil of about 100µH…220µH and ≤ 1Ω DC resistance should be
chosen. The sense resistor should have a value between 0.27Ω…0.47Ω / 250mW.
As a general rule: for higher load current lower inductance of the coil is needed because higher currents lengthen
the charging time of the coil. Thus, switching frequencies may become lower than 20kHz which is often not desired.
It is possible to set the peak current and the average current of the LED by variation of the RSENSE resistor, the
coil value and the internal oscillator frequency (ROCS resistor).
The flyback diode that carries the load current during the passive state (driver OFF) should be a fast switching and
low intrinsic capacitance diode like ES1D or BYG80 in order to avoid parasitic spikes on RSENSE. The diode must
be able to carry the LED current flowing during the OFF time of the driver.
The n-channel MOSFET should have low intrinsic capacitances, a drain-source voltage suitable for the application
and must be able to carry the current flowing through the LED(s) during the ON time. To decrease the time of
transistor switching and to improve the thermal behaviour of the module, the lines between transistor and IC should
be minimised.
For applications that use an NTC resistor for temperature sensing, the NTC value has to be selected according to
the application requirements. For most applications, a NTC value up to 470kΩ will be suitable.
In case of longer lines between the IC and the coil (which should be avoided because of EMI), a capacitor might be
placed in parallel to RSENSE to avoid crosstalk and parasitic switching. Well chosen parameters for external
components can help to avoid such conditions. The goal should be to unload the coil as much as possible during
the selected off time (see also chapter 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com