データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX10803 データシート(PDF) 16 Page - Melexis Microelectronic Systems

部品番号 MLX10803
部品情報  High power LED driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10803 データシート(HTML) 16 Page - Melexis Microelectronic Systems

Back Button MLX10803 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
IC specification
MLX10803
High power LED driver
3901010803
Page 16/25
Data Sheet
Rev026
Jun/2012
7.
LED driving principle
7.1.
General
The LED is driven by a switched mode power supply using an inductor as the energy storage element. This method
has several advantages. The supply voltage has to be set down to the forward bias voltage of the LED. In ordinary
applications this is achieved by a resistor with the following drawbacks:
-
A resistor dissipates power which is transformed to heat
-
Efficiency is reduced drastically
-
The light output of the LED is dependent on the supply and the temperature of the resistor
The MLX10803 avoids these disadvantages as shown by the following calculation with L=220µH, RSENSE = 0.1 Ω:
Supposed:
Vbat = 13.8V
VfLED ≈ 3.4V example 1; 8V example2;
IfLED ≈ 4A
Vf1 ≈ 0.9V (reverse polarity diode)
Vf2 ≈ 0.9V (free wheel diode)
VRSENSE ≈ 0.4V (@IfLED, RSENSE=0.1 Ω)
VRDS ON ≈ 0.04V (@IfLED)
VCoil ≈ 0.2V (@IfLED)
Efficiency using a simple resistor or load dump regulation:
Efficiency n:
%
29
=
BAT
fLED
V
V
n
example1
;
%
58
example2
;
Efficiency using the MLX10803:
The following calculation is an approximation only, due to the fact that coil current is not constant. It is therefore
calculated with average currents.
1) During OFF time, the coil acts as the storage element and delivers its energy to the flyback diode
and the LED:
%
75
2
1
+
+
=
Coil
f
fLED
fLED
V
V
V
V
n
example1
;
%
88
example 2;
2) During ON time, current flows through the reverse polarity diode, LED, coil , FET driver and RSENSE,
which causes the following voltage drops:
%
69
1
2
+
+
+
+
=
RSENSE
RDSon
Coil
f
fLED
fLED
V
V
V
V
V
V
n
example1
;
%
84
example 2;
3) ON and OFF times are in ratio of roughly 30:70 for example 1 and 65:35 for example 2:
Efficiency n:
%
73
3
.
0
7
.
0
2
1
+
=
n
n
n
example1
;
%
87
example2
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com