データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB82640 データシート(PDF) 6 Page - Microchip Technology

部品番号 USB82640
部品情報  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 データシート(HTML) 6 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 2Page - Microchip Technology USB82640 Datasheet HTML 3Page - Microchip Technology USB82640 Datasheet HTML 4Page - Microchip Technology USB82640 Datasheet HTML 5Page - Microchip Technology USB82640 Datasheet HTML 6Page - Microchip Technology USB82640 Datasheet HTML 7Page - Microchip Technology USB82640 Datasheet HTML 8Page - Microchip Technology USB82640 Datasheet HTML 9Page - Microchip Technology USB82640 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
USB82640
DS60001312A-page 6
 2010-2015 Microchip Technology Inc.
2.0
PIN CONFIGURATION
The package designators are:
• lll - Lot Sequence Code
• r - Chip Revision Number
• yy - last two digits of Assembly Year
• ww - Assembly Work Week
• tttttttttttt - Tracking Number (up to 12 characters)
• cc - Country of Original Abbreviation (Optional - up to 2 characters)
FIGURE 2-1:
USB82640 48-PIN VQFN (TOP VIEW)
USB82640
lllryyww
tttttttttttt
cc
Indicates pins on the bottom of the device.
21
SD_CLK / MS_BS
20
SD_D6 / MS_D7
19
SD_D7 / MS_D6
18
SD_D0 / MS_D4
17
VDD18
16
SD_D1 / MS_D5
15
VDD33
14
SD_nCD
13
SD_WP / MS_SCLK
23
SD_D5 / MS_D1
22
REG_EN
24
SD_CMD / MS_D0
RESET_N
38
VBUS_DET
39
GPO1 / LED / TXD
37
TEST0
40
VDDA33
41
USBUP_DM
43
XTAL2
44
XTAL1 (CLKIN)
45
RBIAS
48
VDDA33
47
VDD18PLL
46
USBUP_DP
42
Ground Pad
(must be connected
to VSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64