データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB82640 データシート(PDF) 8 Page - Microchip Technology

部品番号 USB82640
部品情報  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 データシート(HTML) 8 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 4Page - Microchip Technology USB82640 Datasheet HTML 5Page - Microchip Technology USB82640 Datasheet HTML 6Page - Microchip Technology USB82640 Datasheet HTML 7Page - Microchip Technology USB82640 Datasheet HTML 8Page - Microchip Technology USB82640 Datasheet HTML 9Page - Microchip Technology USB82640 Datasheet HTML 10Page - Microchip Technology USB82640 Datasheet HTML 11Page - Microchip Technology USB82640 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
USB82640
DS60001312A-page 8
 2010-2015 Microchip Technology Inc.
4.0
LOGICAL STRUCTURE AND BLOCK DIAGRAM
The USB82640 consists of two USB devices:
• a hub and
• a card reader
The hub is a three-port HS USB hub, with port1 internally connected to the card reader by default, and ports 2 and 3
can be made user-accessible, or disabled by hub configuration. The chip reports itself as a USB Compound device.
Having two different devices compounded, the chip has two different sets of descriptors as appropriate per the corre-
sponding device classes (Refer to the Universal Serial Bus Mass Storage Class Specification Overview [6]). Some of
the device descriptors are mentioned in the Appendix (Selected Device Descriptors) on page 62.
The logical structure of the USB82640 is shown in Figure 4-1.
More details about the USB82640 are presented in the block diagram in Figure 4-2 USB82640 Block Diagram on page
9.
FIGURE 4-1:
USB82640 LOGICAL STRUCTURE
Upstream Port
2 Downstream Ports
USB82640
Card
Reader
Flash
Media
Cards
3.3 V
3-Port Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64