| データシートサーチシステム |
|
USB5734/MR データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734/MR データシート(HTML) 41 Page - Microchip Technology |
|
41 / 61 page ![]() 2015-2016 Microchip Technology Inc. DS00001854D-page 41 USB5734 8.6.3 PORT CONTROLLER CONNECTION EXAMPLE FIGURE 8-7: USB5734 WITH 4 GENERIC PORT POWER CONTROLLERS (2 BC ENABLED) Note: The CFG_BC_EN configuration strap must be properly configured to enable battery charging on the appro- priate ports. For example, in the application shown in Figure 8-7, CFG_BC_EN must be connected to an external 10 kΩ pull-down resistor to enable battery charging on Ports 1 and 2. For more information on the CFG_BC_EN configuration strap, refer to Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)". USB5734 Port 1 Connector Generic Port Power Controller POWER (High Current) (BC Enabled) OCS D+ D - VBUS D+ D- Port 2 Connector Generic Port Power Controller POWER (High Current) (BC Enabled) OCS D+ D - VBUS D+ D- PRT_CTL2 PRT_CTL1 Port 3 Connector Generic Port Power Controller POWER OCS D+ D - VBUS D+ D- PRT_CTL3 Port 4 Connector Generic Port Power Controller POWER OCS D+ D - VBUS D+ D- PRT_CTL4 |