| データシートサーチシステム |
|
LAN89218 データシート(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89218 データシート(HTML) 52 Page - Microchip Technology |
|
52 / 148 page ![]() LAN89218 DS60001255B-page 52 2008-2015 Microchip Technology Inc. Figure 3-22 illustrates the TX command structure for this example, and also shows how data is passed to the TX data FIFO. FIGURE 3-22: TX EXAMPLE 1 TXCommand'A' 0 31 TXCommand'B' Pad DWORD 1 7-Byte Data Start Offset 10-Byte EndPadding 79-BytePayload Buffer End Alignment = 1 Data Start Offset = 7 First Segment = 1 Last Segment = 0 Buffer Size = 79 Packet Length = 111 TXCommand'A' 0 31 TXCommand'B' 10-Byte EndOffsetPadding 15-BytePayload Buffer End Alignment = 1 Data Start Offset = 0 First Segment = 0 Last Segment = 0 Buffer Size = 15 Packet Length = 111 TXCommand'A' 0 31 TXCommand'B' Buffer End Alignment = 1 Data Start Offset = 10 First Segment = 0 Last Segment = 1 Buffer Size = 17 Packet Length = 111 10-Byte Data Start Offset TX Com mand 'A' TX Com mand 'B' TX Com mand 'A' TX Com mand 'B' TX Com mand 'A' TX Com mand 'B' NOTE: Extra bytes betw een buffers are not transmitted Data Written to the Ethernet Controller Data Passed to the TX Data FIFO 5-ByteEndPadding 17-BytePayloadData TXCommand'A' TXCommand'B' TXCommand'A' TXCommand'A' 1B 79-BytePayload 15-BytePayload 17-BytePayload |