データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN89218 データシート(PDF) 57 Page - Microchip Technology

部品番号 LAN89218
部品情報  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 データシート(HTML) 57 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 53Page - Microchip Technology LAN89218 Datasheet HTML 54Page - Microchip Technology LAN89218 Datasheet HTML 55Page - Microchip Technology LAN89218 Datasheet HTML 56Page - Microchip Technology LAN89218 Datasheet HTML 57Page - Microchip Technology LAN89218 Datasheet HTML 58Page - Microchip Technology LAN89218 Datasheet HTML 59Page - Microchip Technology LAN89218 Datasheet HTML 60Page - Microchip Technology LAN89218 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 57
LAN89218
3.13.1
RX SLAVE PIO OPERATION
Using PIO mode, the host can either implement a polling or interrupt scheme to empty the received packet out of
the RX data FIFO. The host will remain in the idle state until it receives an indication (interrupt or polling) that data
is available in the RX data FIFO. The host will then read the RX status FIFO to get the packet status, which will
contain the packet length and any other status information. The host should perform the proper number of reads, as
indicated by the packet length plus the start offset and the amount of optional padding added to the end of the frame,
from the RX data FIFO.
FIGURE 3-25:
HOST RECEIVE ROUTINE USING INTERRUPTS
FIGURE 3-26:
HOST RECEIVE ROUTINE WITH POLLING
Not Last Packet
Idle
Read RX
Status
DWORD
init
Read RX
Packet
Last Packet
RX Interrupt
Read
RX_FIFO_
INf
Read RX
Status
DWORD
init
Read RX
Packet
Last Packet
Not Last Packet
Valid Status DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More