データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN8741A データシート(PDF) 49 Page - Microchip Technology

部品番号 LAN8741A
部品情報  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A データシート(HTML) 49 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 45Page - Microchip Technology LAN8741A Datasheet HTML 46Page - Microchip Technology LAN8741A Datasheet HTML 47Page - Microchip Technology LAN8741A Datasheet HTML 48Page - Microchip Technology LAN8741A Datasheet HTML 49Page - Microchip Technology LAN8741A Datasheet HTML 50Page - Microchip Technology LAN8741A Datasheet HTML 51Page - Microchip Technology LAN8741A Datasheet HTML 52Page - Microchip Technology LAN8741A Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 49
LAN8741A/LAN8741Ai
4.2.4
PHY IDENTIFIER 2 REGISTER
Index (In Decimal):
3
Size:
16 bits
Bits
Description
Type
Default
15:10
PHY ID Number
Assigned to the 19th through 24th bits of the OUI.
R/W
C120h
9:4
Model Number
Six-bit manufacturer’s model number
R/W
3:0
Revision Number
Four-bit manufacturer’s revision number
R/W
Note:
The default value of the Revision Number field may vary dependent on the silicon revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More