| データシートサーチシステム |
|
LAN8741A データシート(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8741A データシート(HTML) 63 Page - Microchip Technology |
|
63 / 106 page ![]() 2013-2015 Microchip Technology Inc. DS00001988A-page 63 LAN8741A/LAN8741Ai 4.2.18 INTERRUPT MASK REGISTER Index (In Decimal): 30 Size: 16 bits Bits Description Type Default 15:8 RESERVED RO - 7:1 Mask Bits These bits mask the corresponding interrupts in the Interrupt Source Flag Register. 0 = Interrupt source is masked. 1 = Interrupt source is enabled. R/W 0000000b 0 RESERVED RO - |