| データシートサーチシステム |
|
LAN8742Ai-CZ データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8742Ai-CZ データシート(HTML) 6 Page - Microchip Technology |
|
6 / 124 page ![]() LAN8742A/LAN8742Ai DS00001989A-page 6 2013-2015 Microchip Technology Inc. 2.0 PIN DESCRIPTION AND CONFIGURATION FIGURE 2-1: 24-VQFN PIN ASSIGNMENTS (TOP VIEW) Note: When a lower case “n” is used at the beginning of the signal name, it indicates that the signal is active low. For example, nRST indicates that the reset signal is active low. Note: The buffer type for each signal is indicated in the BUFFER TYPE column. A description of the buffer types is provided in Section 2.2. VSS NOTE: Exposed pad (VSS) on bottom of package must be connected to ground LAN8742A/LAN8742Ai 24 PIN VQFN (TOP VIEW) 1 2 3 4 5 6 18 17 16 15 14 13 VDDCR XTAL1/CLKIN XTAL2 LED1/nINT/nPME/REGOFF LED2/nINT/nPME/nINTSEL VDD2A TXD1 TXD0 TXEN nRST nINT/REFCLKO MDC |