| データシートサーチシステム |
|
LAN8742Ai-CZ データシート(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8742Ai-CZ データシート(HTML) 76 Page - Microchip Technology |
|
76 / 124 page ![]() LAN8742A/LAN8742Ai DS00001989A-page 76 2013-2015 Microchip Technology Inc. 4.2.18 SPECIAL CONTROL/STATUS INDICATIONS REGISTER Index (In Decimal): 27 Size: 16 bits Bits Description Type Default 15 AMDIXCTRL HP Auto-MDIX control: 0 = Enable Auto-MDIX 1 = Disable Auto-MDIX (use 27.13 to control channel) R/W NASR 0b 14 RESERVED RO - 13 CH_SELECT Manual channel select: 0 = MDI (TX transmits, RX receives) 1 = MDIX (TX receives, RX transmits) R/W NASR 0b 12 RESERVED RO - 11 SQEOFF Disable the SQE test (Heartbeat): 0 = SQE test is enabled 1 = SQE test is disabled R/W NASR 0b 10:5 RESERVED RO - 4 XPOL Polarity state of the 10BASE-T: 0 = Normal polarity 1 = Reversed polarity RO 0b 3:0 RESERVED RO - |