| データシートサーチシステム |
|
LAN8741Ai-EN データシート(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8741Ai-EN データシート(HTML) 62 Page - Microchip Technology |
|
62 / 106 page ![]() LAN8741A/LAN8741Ai DS00001988A-page 62 2013-2015 Microchip Technology Inc. 4.2.17 INTERRUPT SOURCE FLAG REGISTER Index (In Decimal): 29 Size: 16 bits Bits Description Type Default 15:8 RESERVED RO - 7 INT7 0 = Not source of interrupt 1 = ENERGYON generated RO/LH 0b 6 INT6 0 = Not source of interrupt 1 = Auto-Negotiation complete RO/LH 0b 5 INT5 0 = Not source of interrupt 1 = Remote Fault Detected RO/LH 0b 4 INT4 0 = Not source of interrupt 1 = Link Down (link status negated) RO/LH 0b 3 INT3 0 = Not source of interrupt 1 = Auto-Negotiation LP Acknowledge RO/LH 0b 2 INT2 0 = Not source of interrupt 1 = Parallel Detection Fault RO/LH 0b 1 INT1 0 = Not source of interrupt 1 = Auto-Negotiation Page Received RO/LH 0b 0 RESERVED RO 0b |