| データシートサーチシステム |
|
LAN91C111 データシート(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN91C111 データシート(HTML) 75 Page - Microchip Technology |
|
75 / 125 page ![]() LAN91C111 DS00002276A-page 76 2011-2016 Microchip Technology Inc. 9.10 Register 20. Reserved - Structure and Bit Definition Reserved: Reserved for Factory Use. MINT: Interrupt Mask Interrupt Detect 1 = Mask Interrupt For INT In Register 18 0 = No Mask MLNKFAIL: Interrupt Mask Link Fail Detect 1 = Mask Interrupt For LNKFAIL In Register 18 0 = No Mask MLOSSSYN: Interrupt Mask Descrambler Loss 1 = Mask Interrupt For LOSSSYNC In Register 18 of Synchronization Detect 0 = No Mask MCWRD: Interrupt Mask Codeword Error 1 = Mask Interrupt For CWRD In Register 18 0 = No Mask MSSD: Interrupt Mask Start Of Stream Error 1 = Mask Interrupt For SSD In Register 18 0 = No Mask MESD: Interrupt Mask End Of Stream Error 1 = Mask Interrupt For ESD In Register 18 0 = No Mask MRPOL: Interrupt Mask Reverse Polarity Detect 1 = Mask Interrupt For RPOL In Register 18 0 = No Mask MJAB: Interrupt Mask Jabber Detect 1 = Mask Interrupt For JAB In Register 18 0 = No Mask MSPDDT: Interrupt Mask 100/10 Speed Detect 1 = Mask Interrupt For SPDDET In Register 18 0 = No Mask MDPLDT: Interrupt Mask Duplex Detect 1 = Mask Interrupt For DPLXDET In Register 18 0 = No Mask Reserved: Reserved Reserved for Factory Use Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved RW RW RW RW RW RW RW RW 00 0 0 0 0 0 0 Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved RW RW RW RW RW RW RW RW 10 1 0 0 0 0 0 |