データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGAP1AS データシート(PDF) 57 Page - STMicroelectronics

部品番号 STGAP1AS
部品情報  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS データシート(HTML) 57 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 53Page - STMicroelectronics STGAP1AS Datasheet HTML 54Page - STMicroelectronics STGAP1AS Datasheet HTML 55Page - STMicroelectronics STGAP1AS Datasheet HTML 56Page - STMicroelectronics STGAP1AS Datasheet HTML 57Page - STMicroelectronics STGAP1AS Datasheet HTML 58Page - STMicroelectronics STGAP1AS Datasheet HTML 59Page - STMicroelectronics STGAP1AS Datasheet HTML 60Page - STMicroelectronics STGAP1AS Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
DocID029344 Rev 2
57/70
STGAP1AS
Programming manual
70
The 2LTOtime parameter sets the duration of the 2-level turn-off sequence (refer to
Section 7.10 on page 33
for details). If the 2LTOtime is set to zero, the 2-level turn-off
feature is disabled.
Table 36. 2LTOth
2LTOth [3 ... 0]
2LTO threshold value [V]
00
00
7.00
00
01
7.50
00
10
8.00
00
11
8.50
01
00
9.00
01
01
9.50
0
1
1
0
10.00
0
1
1
1
10.50
10
00
11.00
10
01
11.50
1
0
1
0
12.00
1
0
1
1
12.50
1
1
0
0
13.00
1
1
0
1
13.50
1
1
1
0
14.00
1
1
1
1
14.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70