データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGAP1AS データシート(PDF) 7 Page - STMicroelectronics

部品番号 STGAP1AS
部品情報  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS データシート(HTML) 7 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 3Page - STMicroelectronics STGAP1AS Datasheet HTML 4Page - STMicroelectronics STGAP1AS Datasheet HTML 5Page - STMicroelectronics STGAP1AS Datasheet HTML 6Page - STMicroelectronics STGAP1AS Datasheet HTML 7Page - STMicroelectronics STGAP1AS Datasheet HTML 8Page - STMicroelectronics STGAP1AS Datasheet HTML 9Page - STMicroelectronics STGAP1AS Datasheet HTML 10Page - STMicroelectronics STGAP1AS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
DocID029344 Rev 2
7/70
STGAP1AS
List of figures
70
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Low voltage section 3.3 V voltage regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 4.
High voltage section 3.3 V voltage regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 5.
HW cross conduction prevention in half-bridge configuration with two single gate
drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 6.
Transitions causing the DT generation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7.
Synchronous control signal edges . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 8.
Control edges signal overlapped, example 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 9.
Control edges signal overlapped, example 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 10.
Control edges signal not overlapped and outside DT (direct control) . . . . . . . . . . . . . . . . . 28
Figure 11.
DESAT protection timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 12.
Example of VCE active clamping protection connection . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 13.
VCECLAMP timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 14.
Example of short turn-on pulses when 2LTO occurs at each cycle . . . . . . . . . . . . . . . . . . 34
Figure 15.
Example of short turn-off pulse when 2LTO occurs at each cycle . . . . . . . . . . . . . . . . . . . 34
Figure 16.
Example of operation with 2LTO in “Fault” mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 17.
Gate paths check circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 18.
SENSE comparator and resistor check circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 19.
DESAT comparator check circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 20.
SPI timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 21.
SPI daisy chain connection example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 22.
SPI daisy chain connection example when bootstrap technique is used for high-side
drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 23.
Block diagram of the CRC generator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 24.
STGAP1AS recommended configuration flow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 25.
Typical application diagram in half-bridge configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 26.
SO24W package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 27.
SO24W suggested land pattern . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70