データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGAP1ASTR データシート(PDF) 60 Page - STMicroelectronics

部品番号 STGAP1ASTR
部品情報  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR データシート(HTML) 60 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 56Page - STMicroelectronics STGAP1ASTR Datasheet HTML 57Page - STMicroelectronics STGAP1ASTR Datasheet HTML 58Page - STMicroelectronics STGAP1ASTR Datasheet HTML 59Page - STMicroelectronics STGAP1ASTR Datasheet HTML 60Page - STMicroelectronics STGAP1ASTR Datasheet HTML 61Page - STMicroelectronics STGAP1ASTR Datasheet HTML 62Page - STMicroelectronics STGAP1ASTR Datasheet HTML 63Page - STMicroelectronics STGAP1ASTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Programming manual
STGAP1AS
60/70
DocID029344 Rev 2
The 2LTO_EN bit sets when the feature takes place according to Table 44. Refer to
Section 7.10 on page 33
for details.
The 2LTOth bit sets the 2-level turn-off threshold according to Table 36 on page 57 and the
2-level turn-off time according to Table 37.
The SENSE_EN bit sets if the sense overcurrent function is enabled or not (refer to
Section 7.8 on page 33
for details).
The DESAT_EN bit sets if the desaturation protection is enabled or not (refer to Section 7.6
on page 30
for details).
Set the CLAMP_EN bit to enable the Miller clamp feature (refer to Section 7.9 on page 33
for details).
Table 44. 2LTO mode
2LTO_EN
2LTO mode
0
2LTO always active
1
2LTO active only after a fault event
Table 45. SENSE comparator enabling
SENSE_EN
SENSE comparator status
0
SENSE comparator disabled
1
SENSE comparator enabled
Table 46. DESAT comparator enabling
DESAT_EN
DESAT comparator status
0
DESAT comparator disabled
1
DESAT comparator enabled
Table 47. Miller clamp feature enabling
CLAMP_EN
Miller clamp feature status
0
Miller clamp feature disabled
1
Miller clamp feature enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70