| データシートサーチシステム |
|
STM32F413CH データシート(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413CH データシート(HTML) 68 Page - STMicroelectronics |
|
68 / 207 page ![]() PD0 - - - DFSDM2_C KIN6 -- - - - CAN1_RX - UART4_ RX FSMC_D2/ FSMC_DA2 -- EVENT OUT PD1 - - - DFSDM2_D ATIN6 - - - - - CAN1_TX - UART_T X FSMC_D3/F SMC_DA3 -- EVENT OUT PD2 - - TIM3_ ETR DFSDM2_C KOUT -- - - UART5_ RX - FSMC_ NWE -SDIO_CMD - - EVENT OUT PD3 TRACE D1 -- - - SPI2_SCK/ I2S2_CK DFSDM1_ DATIN0 USART2_ CTS - QUADSPI_ CLK -- FSMC_CLK - - EVENT OUT PD4 - - - - - - DFSDM1_ CKIN0 USART2_ RTS -- - - FSMC_ NOE -- EVENT OUT PD5 - - - DFSDM2_C KOUT -- - USART2_ TX -- - - FSMC_ NWE -- EVENT OUT PD6 - - - - - SPI3_MOSI/ I2S3_SD DFSDM1_ DATIN1 USART2_ RX -- - - FSMC_ NWAIT -- EVENT OUT PD7 - - - - - - DFSDM1_ CKIN1 USART2_ CK -- - - FSMC_NE1 - - EVENT OUT PD8 - - - - - - - USART3_ TX -- - - FSMC_D13/ FSMC_ DA13 -- EVENT OUT PD9 - - - - - - - USART3_ RX -- - - FSMC_D14/ FSMC_ DA14 -- EVENT OUT PD10 - - - - - - - USART3_ CK UART4_ TX -- - FSMC_D15/ FSMC_ DA15 -- EVENT OUT PD11 - - - DFSDM2_D ATIN2 I2CFMP1 _SMBA -- USART3_ CTS - QUADSPI_ BK1_IO0 -- FSMC_A16 - - EVENT OUT PD12 - - TIM4_ CH1 DFSDM2_C KIN2 I2CFMP1 _SCL -- USART3_ RTS - QUADSPI_ BK1_IO1 -- FSMC_A17 - - EVENT OUT PD13 - - TIM4_ CH2 - I2CFMP1 _SDA -- - - QUADSPI_ BK1_IO3 -- FSMC_A18 - - EVENT OUT PD14 - - TIM4_ CH3 - I2CFMP1 _SCL -- - - - DFSDM2_ CKIN0 UART9_ RX FSMC_D0/F SMC_DA0 -- EVENT OUT PD15 - - TIM4_ CH4 - I2CFMP1 _SDA -- - - - DFSDM2_ DATIN0 UART9_ TX FSMC_D1/F SMC_DA1 -- EVENT OUT Table 11. STM32F413xG/H alternate functions (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF |