| データシートサーチシステム |
|
STM32F413CH データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413CH データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 207 page ![]() Pinouts and pin description STM32F413xG/H 50/207 DocID029162 Rev 2 Table 10. STM32F413xG/H pin definition Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions - - NC 1 B2 A3 1 PE2 I/O FT (2) TRACECLK, SPI4_SCK/I2S4_CK, SPI5_SCK/I2S5_CK, SAI1_MCLK_A, QUADSPI_BK1_IO2, UART10_RX, FSMC_A23, EVENTOUT - - - NC 2 A1 A2 2 PE3 I/O FT (2) TRACED0, SAI1_SD_B, UART10_TX, FSMC_A19, EVENTOUT - - - NC 3 B1 B2 3 PE4 I/O FT (2)(3) TRACED1, SPI4_NSS/I2S4_WS, SPI5_NSS/I2S5_WS, SAI1_SD_A, DFSDM1_DATIN3, FSMC_A20, EVENTOUT - - - NC 4 C2 B3 4 PE5 I/O FT (2) TRACED2, TIM9_CH1, SPI4_MISO, SPI5_MISO, SAI1_SCK_A, DFSDM1_CKIN3, FSMC_A21, EVENTOUT - - - NC 5 D2 B4 5 PE6 I/O FT (2)(3) TRACED3, TIM9_CH2, SPI4_MOSI/I2S4_SD, SPI5_MOSI/I2S5_SD, SAI1_FS_A, FSMC_A22, EVENTOUT - 1 1 B9 6 E2 C2 6 VBAT S - - - VBAT 22 C8 7 C1 A1 7 PC13- ANTI_TAMP I/O FT (4)(5) EVENTOUT TAMP_1 33 C9 8 D1 B1 8 PC14- OSC32_IN I/O FT (4)(5)(6) EVENTOUT OSC32_IN 44 D9 9 E1 C1 9 PC15- OSC32_OUT I/O FT (4)(6) EVENTOUT OSC32_OUT -- - - - C3 10 PF0 I/O FT - I2C2_SDA, FSMC_A0, EVENTOUT - -- - - - C4 11 PF1 I/O FT - I2C2_SCL, FSMC_A1, EVENTOUT - |