データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F413RH データシート(PDF) 70 Page - STMicroelectronics

部品番号 STM32F413RH
部品情報  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RH データシート(HTML) 70 Page - STMicroelectronics

Back Button STM32F413RH Datasheet HTML 66Page - STMicroelectronics STM32F413RH Datasheet HTML 67Page - STMicroelectronics STM32F413RH Datasheet HTML 68Page - STMicroelectronics STM32F413RH Datasheet HTML 69Page - STMicroelectronics STM32F413RH Datasheet HTML 70Page - STMicroelectronics STM32F413RH Datasheet HTML 71Page - STMicroelectronics STM32F413RH Datasheet HTML 72Page - STMicroelectronics STM32F413RH Datasheet HTML 73Page - STMicroelectronics STM32F413RH Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 207 page
background image
PF0
-
-
-
-
I2C2_
SDA
--
-
-
-
-
-
FSMC_A0
-
-
EVENT
OUT
PF1
-
-
-
-
I2C2_
SCL
--
-
-
-
-
-
FSMC_A1
-
-
EVENT
OUT
PF2
-
-
-
-
I2C2_
SMBA
--
-
-
-
-
-
FSMC_A2
-
-
EVENT
OUT
PF3
-
-
TIM5_
CH1
--
-
-
-
-
-
-
-
FSMC_A3
-
-
EVENT
OUT
PF4
-
-
TIM5_
CH2
--
-
-
-
-
-
-
-
FSMC_A4
-
-
EVENT
OUT
PF5
-
-
TIM5_
CH3
--
-
-
-
-
-
-
-
FSMC_A5
-
-
EVENT
OUT
PF6
TRACE
D0
-
-
TIM10_CH1
-
-
-
SAI1_SD_B
UART7_
Rx
QUADSPI_
BK1_IO3
--
-
-
-
EVENT
OUT
PF7
TRACE
D1
-
-
TIM11_CH1
-
-
-
SAI1_
MCLK_B
UART7_
Tx
QUADSPI_
BK1_IO2
--
-
-
-
EVENT
OUT
PF8
-
-
-
-
-
-
-
SAI1_SCK_
B
UART8_RX TIM13_CH1
QUADSPI_
BK1_IO0
--
-
-
EVENT
OUT
PF9
-
-
-
-
-
-
-
SAI1_FS_B
UART8_
TX
TIM14_CH1
QUADSPI_
BK1_IO1
--
-
-
EVENT
OUT
PF10
-
TIM1_ETR
TIM5_
CH4
--
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PF11
-
-
-
TIM8_ETR
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PF12
-
-
-
TIM8_BKIN
-
-
-
-
-
-
-
-
FSMC_A6
-
-
EVENT
OUT
PF13
-
-
-
-
I2CFMP1
_SMBA
--
-
-
-
-
-
FSMC_A7
-
-
EVENT
OUT
PF14
-
-
-
-
I2CFMP1
_SCL
--
-
-
-
-
-
FSMC_A8
-
-
EVENT
OUT
PF15
-
-
-
-
I2CFMP1
_SDA
--
-
-
-
-
-
FSMC_A9
-
-
EVENT
OUT
Table 11. STM32F413xG/H alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More