| データシートサーチシステム |
|
STM32F413RH データシート(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413RH データシート(HTML) 71 Page - STMicroelectronics |
|
71 / 207 page ![]() PG0 - - - - - - - - - CAN1_RX - UART9_ RX FSMC_A10 - - EVENT OUT PG1 - - - - - - - - - CAN1_TX - UART9_ TX FSMC_A11 - - EVENT OUT PG2 - - - - - - - - - - - - FSMC_A12 - - EVENT OUT PG3 - - - - - - - - - - - - FSMC_A13 - - EVENT OUT PG4 - - - - - - - - - - - - FSMC_A14 - - EVENT OUT PG5 - - - - - - - - - - - - FSMC_A15 - - EVENT OUT PG6 - - - - - - - - - - QUADSPI_ BK1_NCS -- - - EVENT OUT PG7 - - - - - - - - USART6_ CK -- - - - - EVENT OUT PG8 - - - - - - - - USART6_ RTS -- - - - - EVENT OUT PG9 - - - - - - - - USART6_ RX QUADSPI_ BK2_IO2 -- FSMC_NE2 - - EVENT OUT PG10 - - - - - - - - - - - - FSMC_NE3 - - EVENT OUT PG11 - - - - - - - - - CAN2_RX - UART10 _RX -- - EVENT OUT PG12 - - - - - - - - USART6_ RTS CAN2_TX - UART10 _TX FSMC_NE4 - - EVENT OUT PG13 TRACE D2 -- - - - - - USART6_ CTS - - - FSMC_A24 - - EVENT OUT PG14 TRACE D3 -- - - - - - USART6_ TX QUADSPI_ BK2_IO3 -- FSMC_A25 - - EVENT OUT PG15 - - - - - - - - USART6_ CTS -- - - - - EVENT OUT Table 11. STM32F413xG/H alternate functions (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF |