| データシートサーチシステム |
|
STM32F413ZG データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413ZG データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 207 page ![]() Pinouts and pin description STM32F413xG/H 54/207 DocID029162 Rev 2 19 27 G5 36 M6 M4 47 PB1 I/O FT - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, SPI5_NSS/I2S5_WS, DFSDM1_DATIN0, QUADSPI_CLK, EVENTOUT ADC1_IN9 20 28 H5 37 L6 J5 48 PB2 I/O FT - LPTIM1_OUT, DFSDM1_CKIN0, QUADSPI_CLK, EVENTOUT BOOT1 - - - - - M5 49 PF11 I/O FT - TIM8_ETR, EVENTOUT - -- - - - L5 50 PF12 I/O FT - TIM8_BKIN, FSMC_A6, EVENTOUT - - - - - - G4 51 VSS S - - - - -- - - - G5 52 VDD S - - - - -- - - - K5 53 PF13 I/O FT - I2CFMP1_SMBA, FSMC_A7, EVENTOUT - - - - - - M6 54 PF14 I/O FTf - I2CFMP1_SCL, FSMC_A8, EVENTOUT - - - - - - L6 55 PF15 I/O FTf - I2CFMP1_SDA, FSMC_A9, EVENTOUT - -- - - - K6 56 PG0 I/O FT - CAN1_RX, UART9_RX, FSMC_A10, EVENTOUT - -- - - - J6 57 PG1 I/O FT - CAN1_TX, UART9_TX, FSMC_A11, EVENTOUT - - - NC 38 M7 M7 58 PE7 I/O FT (2) TIM1_ETR, DFSDM1_DATIN2, UART7_Rx, QUADSPI_BK2_IO0, FSMC_D4/FSMC_DA4, EVENTOUT - - - NC 39 L7 L7 59 PE8 I/O FT (2) TIM1_CH1N, DFSDM1_CKIN2, UART7_Tx, QUADSPI_BK2_IO1, FSMC_D5/FSMC_DA5, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |