| データシートサーチシステム |
|
STM32F413ZG データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413ZG データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 207 page ![]() Description STM32F413xG/H 16/207 DocID029162 Rev 2 2.1 Compatibility with STM32F4 series The STM32F413xG/H are fully software and feature compatible with the STM32F4 series (STM32F42x, STM32F401, STM32F43x, STM32F41x, STM32F405 and STM32F407) The STM32F413xG/H can be used as drop-in replacement of the other STM32F4 products but some slight changes have to be done on the PCB board. Figure 1. Compatible board design for LQFP100 package |