| データシートサーチシステム |
|
STM32F413ZG データシート(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413ZG データシート(HTML) 118 Page - STMicroelectronics |
|
118 / 207 page ![]() Electrical characteristics STM32F413xG/H 118/207 DocID029162 Rev 2 Table 50. Flash memory programming Symbol Parameter Conditions Min(1) Typ Max(1) 1. Guaranteed by characterization. Unit tprog Word programming time Program/erase parallelism (PSIZE) = x 8/16/32 -16 100(2) 2. The maximum programming time is measured after 100K erase operations. µs tERASE16KB Sector (16 KB) erase time Program/erase parallelism (PSIZE) = x 8 - 400 800 ms Program/erase parallelism (PSIZE) = x 16 - 300 600 Program/erase parallelism (PSIZE) = x 32 - 250 500 tERASE64KB Sector (64 KB) erase time Program/erase parallelism (PSIZE) = x 8 - 1200 2400 ms Program/erase parallelism (PSIZE) = x 16 - 700 1400 Program/erase parallelism (PSIZE) = x 32 - 550 1100 tERASE128KB Sector (128 KB) erase time Program/erase parallelism (PSIZE) = x 8 -2 4 s Program/erase parallelism (PSIZE) = x 16 -1.3 2.6 Program/erase parallelism (PSIZE) = x 32 -1 2 tME Mass erase time Program/erase parallelism (PSIZE) = x 8 -24 48 s Program/erase parallelism (PSIZE) = x 16 -15 30 Program/erase parallelism (PSIZE) = x 32 -11 22 Vprog Programming voltage 32-bit program operation 2.7 - 3.6 V 16-bit program operation 2.1 - 3.6 V 8-bit program operation 1.7 - 3.6 V |