| データシートサーチシステム |
|
STM32F413CGU6 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413CGU6 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 207 page ![]() DocID029162 Rev 2 61/207 STM32F413xG/H Pinouts and pin description 72 - - A4 81 C9 E10 114 PD0 I/O FT - DFSDM2_CKIN6, CAN1_RX, UART4_RX, FSMC_D2/FSMC_DA2, EVENTOUT - - - NC 82 B9 D10 115 PD1 I/O FT (2) DFSDM2_DATIN6, CAN1_TX, UART4_TX, FSMC_D3/FSMC_DA3, EVENTOUT - -54 C583 C8 E9 116 PD2 I/O FT - TIM3_ETR, DFSDM2_CKOUT, UART5_RX, FSMC_NWE, SDIO_CMD, EVENTOUT - - - NC 84 B8 D9 117 PD3 I/O FT (2) TRACED1, SPI2_SCK/I2S2_CK, DFSDM1_DATIN0, USART2_CTS, QUADSPI_CLK, FSMC_CLK, EVENTOUT - - - NC 85 B7 C9 118 PD4 I/O FT (2) DFSDM1_CKIN0, USART2_RTS, FSMC_NOE, EVENTOUT - -- NC 86 A6 B9 119 PD5 I/O FT (2) DFSDM2_CKOUT, USART2_TX, FSMC_NWE, EVENTOUT - - - - - - E7 120 VSS S - - - - - - - - - F7 121 VDD S - - - - - - NC 87 B6 A8 122 PD6 I/O FT (2) SPI3_MOSI/I2S3_SD, DFSDM1_DATIN1, USART2_RX, FSMC_NWAIT, EVENTOUT - - - NC 88 A5 A9 123 PD7 I/O FT (2) DFSDM1_CKIN1, USART2_CK, FSMC_NE1, EVENTOUT - - - - - - E8 124 PG9 I/O FT - USART6_RX, QUADSPI_BK2_IO2, FSMC_NE2, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |