| データシートサーチシステム |
|
STM32F413CGU6 データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413CGU6 データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 207 page ![]() DocID029162 Rev 2 63/207 STM32F413xG/H Pinouts and pin description 72 41 57 A6 91 C5 B6 135 PB5 I/O FT - LPTIM1_IN1, TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, CAN2_RX, SAI1_FS_A, UART5_RX, SDIO_D3, EVENTOUT - 42 58 B6 92 B5 C6 136 PB6 I/O FT - LPTIM1_ETR, TIM4_CH1, I2C1_SCL, DFSDM2_CKIN7, USART1_TX, CAN2_TX, QUADSPI_BK1_NCS, UART5_TX, SDIO_D0, EVENTOUT - 43 59 B7 93 B4 D6 137 PB7 I/O FT - LPTIM1_IN2, TIM4_CH2, I2C1_SDA, DFSDM2_DATIN7, USART1_RX, FSMC_NL, EVENTOUT - 44 60 A7 94 A4 D5 138 BOOT0 I B - - VPP 45 61 C6 95 A3 C5 139 PB8 I/O FT - LPTIM1_OUT, TIM4_CH3, TIM10_CH1, I2C1_SCL, SPI5_MOSI/I2S5_SD, DFSDM2_CKIN1, CAN1_RX, I2C3_SDA, UART5_RX, SDIO_D4, EVENTOUT - 46 62 D6 96 B3 B5 140 PB9 I/O FT - TIM4_CH4, TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, DFSDM2_DATIN1, CAN1_TX, I2C2_SDA, UART5_TX, SDIO_D5, EVENTOUT - - - NC 97 C3 A5 141 PE0 I/O FT (2) TIM4_ETR, DFSDM2_CKIN4, UART8_Rx, FSMC_NBL0, EVENTOUT - - - NC 98 A2 A4 142 PE1 I/O FT (2) DFSDM2_DATIN4, UART8_Tx, FSMC_NBL1, EVENTOUT - 47 63 A8 99 D3 E6 - VSS S - - - - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |