データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TH8056 データシート(PDF) 9 Page - Melexis Microelectronic Systems

部品番号 TH8056
部品情報  Enhanced Single Wire CAN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8056 データシート(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH8056_12 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8056_12 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TH8056
Enhanced Single Wire CAN Transceiver
TH8056 – Datasheet
Page 9 of 34
3901008056
June 2012
Rev 014
2.4
Dynamic Characteristics
Unless otherwise specified all values in the following table are valid for VBAT = 5V to 26.5V and TAMB= -40°C
to 125
oC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Transmit delay in normal and wake-up
mode, rising edge
tTr [1]
min and max loads acc. To
2.5 Bus loading requirements
2
6.3
s
Transmit delay in wake-up mode to VihWU,
rising edge
tTWUr [2]
min and max loads acc. To
2.5 Bus loading requirements
3
18
s
Transmit delay in normal mode,
falling edge
tTf [3]
min and max loads acc. To
2.5 Bus loading requirements
1.8
10
s
Transmit delay in wake-up mode,
falling edge
tTWU1f [3]
min and max loads acc. To
2.5 Bus loading requirements
3
13.7
s
Transmit delay in high-speed mode,
rising edge
tTHSr [4]
min and max loads acc. To
2.5 Bus loading requirements
0.1
1.5
s
Transmit delay in high-speed mode,
falling edge
tTHSf[5]
min and max loads acc. To
2.5 Bus loading requirements
0.04
3
s
Receive delay , all active modes
tDR [6]
CANH high to low transition
0.2
1
s
Receive delay , all active modes
tRD [6]
CANH low to high transition
0.2
1
s
Input minimum pulse length, all active
modes
tmpDR [6]
CANH high to low transition
0.1
1
s
Input minimum pulse length, all active
modes
tmpRD [6]
CANH low to high transition
0.1
1
s
Wake-up filter time delay
tWUF
See diagrams, Figure 3
10
70
s
Receive blanking time after
TxD L-H
transition
trb
See diagrams, Figure 4
0.5
6
s
TxD time-out reaction time
ttout
All active modes
10
30
ms
Delay from Normal to High-speed/HVWU
Mode
tdnhs
30
ms
Delay from High-speed /HVWU to Normal
Mode
tdhsn
30
ms
Delay from Normal Mode to Standby
tdsby
VBAT = 6V to 26.5V
500
s
Delay from Standby to Sleep Mode
tdsleep
VBAT = 6V to 26.5V
100
500
ms
Delay from Sleep to normal Mode
tdsnwu
VBAT = 6V to 26.5V
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com