| データシートサーチシステム |
|
LAN89730 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 218 page ![]() 2013-2015 Microchip Technology Inc. DS60001348A-page 11 LAN89730 2.0 PIN DESCRIPTION AND CONFIGURATION The package designators are: • lll - Lot sequence code (optional) • r - Chip revision number • yy - Last two digits of assembly year • ww - Assembly work week • tttttttttttt - Tracking number (up to 9 characters) • cc - Country of original abbreviation (optional - up to 2 characters) Note: ** This pin provides additional PME related functionality. Refer to the respective pin descriptions and Chapter 5.0, "PME Operation" for additional information. Note: *** GPIO7 may provide additional PHY Link Up related functionality. Refer to Section 4.12.2.4, "Enabling External PHY Link Up Wake Events" for additional information. Note: When HP Auto-MDIX is activated, the TXN/TXP pins can function as RXN/RXP and vice-versa. Note: Exposed pad (VSS) on bottom of package must be connected to ground. FIGURE 2-1: PIN ASSIGNMENTS (TOP VIEW) RXDV NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 42 41 40 39 38 37 36 35 34 33 32 31 30 29 TEST2 VDD12A HSIC_STROBE HSIC_DATA VDD12PLL VDD33A EXRES RXP RXN VDD33A TXP TXN nPHY_INT RXCLK TDI/RXD3 TMS/RXD2 TCK/RXD1 TDO/nPHY_RST nTRST/RXD0 VDD33IO PHY_SEL TEST1 EEDI EEDO/AUTOMDIX_EN EECS EECLK LAN89730AM lllryyww ttttttttt cc |