データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN89730 データシート(PDF) 125 Page - Microchip Technology

部品番号 LAN89730
部品情報  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 データシート(HTML) 125 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 121Page - Microchip Technology LAN89730 Datasheet HTML 122Page - Microchip Technology LAN89730 Datasheet HTML 123Page - Microchip Technology LAN89730 Datasheet HTML 124Page - Microchip Technology LAN89730 Datasheet HTML 125Page - Microchip Technology LAN89730 Datasheet HTML 126Page - Microchip Technology LAN89730 Datasheet HTML 127Page - Microchip Technology LAN89730 Datasheet HTML 128Page - Microchip Technology LAN89730 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 125
LAN89730
Note 6-4
The PHY_SEL pin determines the default value.
0
Soft Reset (SRST)
Writing 1 generates a software initiated reset of the device. If an external
Ethernet PHY is used, it will be reset as well.
A software reset will result in the contents of the EEPROM being reloaded.
While the reset sequence is in progress, the USB PHY will be disconnected.
After the device has been reinitialized, it will take the PHY out of the discon-
nect state and be visible to the host.
SC
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More