| データシートサーチシステム |
|
LAN89730 データシート(PDF) 133 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 データシート(HTML) 133 Page - Microchip Technology |
|
133 / 218 page ![]() 2013-2015 Microchip Technology Inc. DS60001348A-page 133 LAN89730 Note 6-8 The default value depends on the state of the GPIO pin. 7:0 GPIO Data 0-7 (GPIODn) When enabled as an output, the value written is reflected on GPIOn. When read, GPIODn reflects the current state of the corresponding GPIO pin. GPIOD0 - bit 0 GPIOD1 - bit 1 GPIOD2 - bit 2 GPIOD3 - bit 3 GPIOD4 - bit 4 GPIOD5 - bit 5 GPIOD6 - bit 6 GPIOD7 - bit 7 R/W Note 6-8 Bits Description Type Default |