データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN89730 データシート(PDF) 149 Page - Microchip Technology

部品番号 LAN89730
部品情報  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 データシート(HTML) 149 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 145Page - Microchip Technology LAN89730 Datasheet HTML 146Page - Microchip Technology LAN89730 Datasheet HTML 147Page - Microchip Technology LAN89730 Datasheet HTML 148Page - Microchip Technology LAN89730 Datasheet HTML 149Page - Microchip Technology LAN89730 Datasheet HTML 150Page - Microchip Technology LAN89730 Datasheet HTML 151Page - Microchip Technology LAN89730 Datasheet HTML 152Page - Microchip Technology LAN89730 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 149
LAN89730
11
RX Dropped Frame Interrupt Enable (RXDF_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
10:0
GPIOx Interrupt Enable (GPIOx_EN)
0 = This event can not cause an interrupt packet to be issued.
1 = This event can cause an interrupt packet to be issued.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More