データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V92 データシート(PDF) 29 Page - Microchip Technology

部品番号 MCP6V92
部品情報  Temperature Measurement
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V92 データシート(HTML) 29 Page - Microchip Technology

Back Button MCP6V92 Datasheet HTML 25Page - Microchip Technology MCP6V92 Datasheet HTML 26Page - Microchip Technology MCP6V92 Datasheet HTML 27Page - Microchip Technology MCP6V92 Datasheet HTML 28Page - Microchip Technology MCP6V92 Datasheet HTML 29Page - Microchip Technology MCP6V92 Datasheet HTML 30Page - Microchip Technology MCP6V92 Datasheet HTML 31Page - Microchip Technology MCP6V92 Datasheet HTML 32Page - Microchip Technology MCP6V92 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
 2015-2016 Microchip Technology Inc.
DS20005434B-page 29
MCP6V91/1U/2/4
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead TSSOP (MCP6V94)Example
YYWW
NNN
XXXXXXXX
MCP6V94
1544
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48