データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2702ID データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2702ID
部品情報  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2702ID データシート(HTML) 10 Page - Texas Instruments

Back Button TLV2702ID Datasheet HTML 6Page - Texas Instruments TLV2702ID Datasheet HTML 7Page - Texas Instruments TLV2702ID Datasheet HTML 8Page - Texas Instruments TLV2702ID Datasheet HTML 9Page - Texas Instruments TLV2702ID Datasheet HTML 10Page - Texas Instruments TLV2702ID Datasheet HTML 11Page - Texas Instruments TLV2702ID Datasheet HTML 12Page - Texas Instruments TLV2702ID Datasheet HTML 13Page - Texas Instruments TLV2702ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
10
www.ti.com
AMPLIFIER TYPICAL CHARACTERISTICS
Figure 19
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f – Frequency – Hz
10
100
1k
10k
10
0
–20
–10
30
20
40
50
0
–45
45
90
VCC=2.7, 5, 15 V
RL=500 kΩ
CL=100 pF
TA=25°C
60
135
Figure 20
0
1
2
3
4
5
6
7
2.5 4.0 5.5 7.0 8.5 10.0 11.5 13.0 14.5 16.0
GAIN BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
TA = 25°C
RL = 100 kΩ
CL = 100 pF
f = 1kHz
VCC – Supply Voltage –V
Figure 21
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40 –25 –10 5
2035 50658095 110 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
VCC = 5, 15 V
TA – Free-Air Temperature – °C
SR+
SR–
VCC = 2.7 V
VCC = 2.7, 5, 15 V
Figure 22
–1
0
1
2
3
4
5
6
7
8
–1
012
3456
LARGE-SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time – ms
VCC = 5 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
–1
0
3
4
VO
2
1
Figure 23
–20
0
20
40
60
80
100
120
140
160
180
–50 0
50 100 150 200 250 300 350 400 450 500
SMALL-SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time –
µs
VCC = 2.7, 5,
& 15 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
–150
150
300
VO
0
Figure 24
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
–1
0
1
234
56
7
LARGE-SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 5 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
2
VO
4
3
0
–1
1
Figure 25
–150
–100
–50
0
50
100
150
200
–200
0
200
400
600
800
1000 1200
SMALL-SIGNAL INVERTING
PULSE RESPONSE
VIN
t – Time – ms
VCC = 2.7,
5, & 15 V
AV = –1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VO
0
–100
200
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com