| データシートサーチシステム |
|
KS0708 データシート(PDF) 10 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 データシート(HTML) 10 Page - Samsung semiconductor |
|
10 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 10 M/M-96-D001 97-09-19 Display Data RAM The Display Data RAM stores pixel data for the LCD. It is a 128-column x 64-row addressable array as shown in Figure 3. The 64 rows are divided into 8 pages of 8 lines. Data is read from or written to the 8 lines of each page directly through DB0 to DB7. The microprocessor reads from and writes to RAM through the I/O buffer. Since the LCD controller oper- ates independently, data can be written to RAM at the same time as data is being displayed, without caus- ing the LCD to flick. DB0 1 0 0 0 1 DB1 1 0 0 1 0 DB2 1 0 1 0 0 DB3 1 1 0 0 0 DB4 1 0 1 0 0 DB5 1 0 0 1 0 DB6 1 0 0 0 1 DB7 0 0 0 0 0 ( Display Data RAM ) COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 ( LCD Panel ) Figure 2. RAM-to-LCD data transfer |