| データシートサーチシステム |
|
KS0708 データシート(PDF) 18 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 データシート(HTML) 18 Page - Samsung semiconductor |
|
18 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 18 M/M-96-D001 97-09-19 ¡á Set Page Address Sets the page address of display RAM from the microprocessor into the page address register. Along with Column address register, Page address register assigns the address of the display RAM to be written to or read from display data. Changing the address doesn ¢¥t affect the display status. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 1 0 1 1 1 X2 X1 X0 X2 X1 X0 Page 0 0 0 0 0 0 1 1 : : : : 1 1 1 7 ¡á Set Column Address Sets the Column address of display RAM from the microprocessor into the Column address register. When the microprocessor reads or writes display data to or from display RAM, the address are automati- cally incremented. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 1 Y5 Y4 Y3 Y2 Y1 Y0 Y5 Y4 Y3 Y2 Y1 Y0 Column address 0 0 0 0 0 0 0 0 0 0 0 0 1 1 : : : : : : : 1 1 1 1 1 0 62 1 1 1 1 1 1 63 |