| データシートサーチシステム |
|
GXB2000 データシート(PDF) 20 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
GXB2000 データシート(HTML) 20 Page - Sony Corporation |
|
20 / 60 page ![]() S-12 GXB2000 1-3-11. GS command (4 DOP threshold value settings) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 4 5 6 10101010 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 11011010 Header PDOP threshold value when D-GPS is on HDOP threshold value when D-GPS is on PDOP threshold value when D-GPS is off HDOP threshold value when D-GPS is off Terminator. "Z" + 80H — 64 50 64 50 — AA 40 32 40 32 DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-12. DMD command (DARC data input mode) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10101011 11011010 Header Terminator. "Z" + 80H — — AB DA Example No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10101100 11011010 Header Terminator. "Z" + 80H — — AC DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-13. DMR command (RTCM data input mode) After receiving the above command, the GPS side sends this command as a response. |