データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GXB2000 データシート(PDF) 48 Page - Sony Corporation

部品番号 GXB2000
部品情報  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 データシート(HTML) 48 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 44Page - Sony Corporation GXB2000 Datasheet HTML 45Page - Sony Corporation GXB2000 Datasheet HTML 46Page - Sony Corporation GXB2000 Datasheet HTML 47Page - Sony Corporation GXB2000 Datasheet HTML 48Page - Sony Corporation GXB2000 Datasheet HTML 49Page - Sony Corporation GXB2000 Datasheet HTML 50Page - Sony Corporation GXB2000 Datasheet HTML 51Page - Sony Corporation GXB2000 Datasheet HTML 52Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
SS-19
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
70
71
00001101
00001010
Terminator
<CR>
<LF>
Fixed
0D
0A
Example
The satellite information for up to four satellites can be sent with a single GPGSV message, so multiple
GPGSV messages (up to three messages) are sent when there are four or more satellites within the field of
vision. When there are fewer than four satellites, the information for that number of satellites is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60