| データシートサーチシステム |
|
UU9792G-P48-R データシート(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UU9792G-P48-R データシート(HTML) 7 Page - Unisonic Technologies |
|
7 / 15 page ![]() UU9792 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 15 www.unisonic.com.tw QW-R125-047.a FUNCTION DESCRIPTIONS (Cont.) OSCILLATOR There are two kinds of clock for logic and analog circuit; from internal oscillator circuit or external clock. If internal oscillator circuit will be used, OSCIN must be connected to VSS. When using external clock mode, it has to input external clock from OSCIN terminal after Set IC operation (ICSET) terminal. OSCIN VSS UU9792 OSCIN UU9792 Clock input Internal oscillator circuit mode External clock input mode LCD Driver Bias Circuit This device generates LCD driving voltage with on-chip Buffer AMP. And it can drive LCD at low power consumption. 1/3 Bias or 1/2 Bias can set in Mode Set command. Line and frame inversion can set in DISCTL command COMMAND Description List of Command / Function Command Function 1 Address set(ADSET) DDRAM address setting(00-22h) 2 EVR set (EVRSET) EVR setting(0-31) 3 Display Control(DISCTL) Frame Frequency, Power save mode setting 4 IC operation set (ICSET) LCD drive mode, software reset, display on/off 5 All pixel Control(APCTL) All pixel control during display ON |