| データシートサーチシステム |
|
80C188EB データシート(PDF) 37 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80C188EB データシート(HTML) 37 Page - Intel Corporation |
|
37 / 59 page ![]() 80C186EB80C188EB 80L186EB80L188EB AC SPECIFICATIONS (Continued) Serial Port Mode 0 Timings (80C186EB25 20 1380L186EB16 13 8) Symbol Parameter Min Max Unit Notes TXLXL TXD Clock Period T (n a 1) ns 1 2 TXLXH TXD Clock Low to Clock High (n l 1) 2T b 35 2T a 35 ns 1 TXLXH TXD Clock Low to Clock High (n e 1) T b 35 T a 35 ns 1 TXHXL TXD Clock High to Clock Low (n l 1) (n b 1) T b 35 (n b 1) T a 35 ns 1 2 TXHXL TXD Clock High to Clock Low (n e 1) T b 35 T a 35 ns 1 TQVXH RXD Output Data Setup to TXD Clock High (n l 1) (n b 1) T b 35 ns 1 2 TQVXH RXD Output Data Setup to TXD Clock High (n e 1) T b 35 ns 1 TXHQX RXD Output Data Hold after TXD Clock High (n l 1) 2T b 35 ns 1 TXHQX RXD Output Data Hold after TXD Clock High (n e 1) T b 35 ns 1 TXHQZ RXD Output Data Float after Last TXD Clock High T a 20 ns 1 TDVXH RXD Input Data Setup to TXD Clock High T a 20 ns 1 TXHDX RXD Input Data Hold after TXD Clock High 0 ns 1 NOTES 1 See Figure 12 for waveforms 2 n is the value of the BxCMP register ignoring the ICLK Bit (ie ICLK e 0) 37 |