| データシートサーチシステム |
|
80C188EB データシート(PDF) 57 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80C188EB データシート(HTML) 57 Page - Intel Corporation |
|
57 / 59 page ![]() 80C186EB80C188EB 80L186EB80L188EB INSTRUCTION SET SUMMARY (Continued) 80C186EB 80C188EB Function Format Clock Clock Comments Cycles Cycles CONTROL TRANSFER (Continued) RET e Return from CALL Within segment 11000011 16 20 Within seg adding immed to SP 11000010 data-low data-high 18 22 Intersegment 11001011 22 30 Intersegment adding immediate to SP 11001010 data-low data-high 25 33 JEJZ e Jump on equalzero 01110100 disp 413 413 JMP not JLJNGE e Jump on lessnot greater or equal 01111100 disp 413 413 takenJMP JLEJNG e Jump on less or equalnot greater 01111110 disp 413 413 taken JBJNAE e Jump on belownot above or equal 01110010 disp 413 413 JBEJNA e Jump on below or equalnot above 01110110 disp 413 413 JPJPE e Jump on parityparity even 01111010 disp 413 413 JO e Jump on overflow 01110 000 disp 413 413 JS e Jump on sign 01111000 disp 413 413 JNEJNZ e Jump on not equalnot zero 01110101 disp 413 413 JNLJGE e Jump on not lessgreater or equal 01111101 disp 413 413 JNLEJG e Jump on not less or equalgreater 01111111 disp 413 413 JNBJAE e Jump on not belowabove or equal 01110011 disp 413 413 JNBEJA e Jump on not below or equalabove 01110111 disp 413 413 JNPJPO e Jump on not parpar odd 01111011 disp 413 413 JNO e Jump on not overflow 01110001 disp 413 413 JNS e Jump on not sign 01111001 disp 413 413 JCXZ e Jump on CX zero 11100011 disp 515 515 LOOP e Loop CX times 11100010 disp 616 616 LOOP not LOOPZLOOPE e Loop while zeroequal 11100001 disp 616 616 takenLOOP LOOPNZLOOPNE e Loop while not zeroequal 11100000 disp 616 616 taken ENTER e Enter Procedure 11001000 data-low data-high L L e 0 15 19 L e 1 25 29 L l 1 22a16(nb1) 26a20(nb1) LEAVE e Leave Procedure 11001001 8 8 INT e Interrupt Type specified 11001101 type 47 47 Type 3 11001100 45 45 if INT taken INTO e Interrupt on overflow 11001110 484 484 if INT not taken IRET e Interrupt return 11001111 28 28 BOUND e Detect value out of range 01100010 modreg r m 33–35 33–35 Shaded areas indicate instructions not available in 80868088 microsystems NOTE Clock cycles shown for byte transfers For word operations add 4 clock cycles for all memory transfers 57 |