| データシートサーチシステム |
|
RP173Q552B-TR-FE データシート(PDF) 1 Page - RICOH electronics devices division |
|
|
|||||||||||||||||||||||||||||
RP173Q552B-TR-FE データシート(HTML) 1 Page - RICOH electronics devices division |
|
1 / 22 page ![]() RP173x SERIES 11V Input 150mA LDO NO.EA-256-111020 1 OUTLINE The RP173x Series are CMOS-based voltage regulator ICs featuring 150 mA output and low supply current of Typ.2.0 μA. Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, a current limit circuit, a chip enable circuit and a Reverse Current Protection Circuit. RP173x Series are suitable for the power source such as the equipment being in the standby-mode. A version with /CE input pin has reduced CE pull-up resistance to make its supply current ultra low. The RP173x Series have Max.11V Input voltage and are applicable to the portable communication equipment that require the 2-cell Li-ion battery. Also they are applicable to the non-portable communication equipments. As this series includes Reverse Current Protection Circuit, there is little leakage current, if it's used as back-up circuit. Since the packages for these ICs are the SOT-23-5 package, SC-88A, or DFN(PLP)1010-4 of 1mm square, high density mounting of the ICs on boards is possible. FEATURES • Output Current ............................................................. Typ. 150mA • Supply Current ............................................................. Typ. 2.0μA • Standby Current ........................................................... Typ. 0.2μA • Input Voltage Range .................................................... 2.5V to Set VOUT+6.5V (Max.11V) • Output Voltage Range.................................................. 1.2V to 5.5V (0.1V steps) (For other voltages, please refer to MARK INFORMATIONS.) • Dropout Voltage ........................................................... Typ. 0.13V ( IOUT=30mA, VOUT=3.0V) Typ. 0.90V ( IOUT =150mA, VOUT=3.0V) • Output Voltage Accuracy.............................................. ±1.0%(1.5V < VOUT ≤ 5.5V, Topt=25°C) • Temperature-drift Coefficient of Output Voltage........... Typ. ±100ppm/°C • Line Regulation ............................................................ Typ. 0.02%/V • Packages ..................................................................... DFN(PLP)1010-4, SC-88A, SOT-23-5 • Built-in Reverse Current Protection Circuit • Short Current Limit....................................................... Typ. 45mA • Built-in Peak Current Limit Circuit • Output capacitors......................................................... 0.1μF or more APPLICATIONS • Power source for portable communication equipments. • Power source for battery-powerd equipments. • Power source for electrical appliances such as cameras, VSRs and camcorders. • Power source for digital home appliances. |
同様の部品番号 - RP173Q552B-TR-FE |
|
同様の説明 - RP173Q552B-TR-FE |