| データシートサーチシステム |
|
RP173Q552B-TR-FE データシート(PDF) 2 Page - RICOH electronics devices division |
|
|
|||||||||||||||||||||||||||||
RP173Q552B-TR-FE データシート(HTML) 2 Page - RICOH electronics devices division |
|
2 / 22 page ![]() RP173x 2 BLOCK DIAGRAMS RP173xxxxA RP173xxxxB VDD GND VOUT CE Vref Current Limit Reverse Detector VDD GND VOUT CE Vref Current Limit Reverse Detector (Pull-up resistance is not built-in.) RP173xxxxD VDD GND VOUT CE Vref Current Limit Reverse Detector SELECTION GUIDE The output voltage, auto discharge function, package for the ICs can be selected at the user’s request. Product Name Package Quantity per Reel Pb Free Halogen Free RP173Kxx1 ∗-TR DFN(PLP)1010-4 10,000 pcs Yes Yes RP173Qxx2 ∗-TR-FE SC-88A 3,000 pcs Yes Yes RP173Nxx1 ∗-TR-FE SOT-23-5 3,000 pcs Yes Yes xx: The output voltage can be designated in the range of 1.2V (12) to 5.5V (55) in 0.1V steps. (For other voltages, please refer to MARK INFORMATIONS.) ∗ : The auto discharge function at off state are options as follows. (A) "L" acrive, without auto discharge function at off state (Pull-up resistance is not built-in.) (B) "H" active, without auto discharge function at off state (D) "H" active, with auto discharge function at off state |