| データシートサーチシステム |
|
P83C366BDR データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDR データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 92 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MGL302 6 6 8-bit internal bus 8-BIT WATCHDOG TIMER (T3) ROM 32 KBYTES(1) OR EPROM 64 KBYTES(2) RAM 512 BYTES(1) OR 2 KBYTES(2) 8 × 7-BIT DACS 3 × 4-BIT ADCS 14-BIT DAC ON SCREEN DISPLAY (OSD) PLL P0 internal interrupts external interrupts 8 P1 8 P5 PWM0 to PWM7(4) VPP RESET I2C-BUS INTERFACE ADC1(5) ADC2(5) ADC0(5) SDA(3) SCL(3) TWO 16-BIT TIMER/ COUNTERS (T0 AND T1) T0(3) T1(3) VSSD VDDD FUNCTION COMBINED PARALLEL I/O PORTS PARALLEL I/O PORT CPU 80C51 CORE EXCLUDING ROM/RAM XTALIN XTALOUT TPWM(4) R B G FB HSYNC P8xCx66 VSYNC VDDA VSSA 8 4 P3 Fig.1 P83C366 and P87C766 block diagram. (1) For the P83C366. (2) For the P87C766. (3) Alternative functions of Port 1. (4) Alternative functions of Port 5, except PWM7 which is an alternative function of Port 3. (5) Alternative functions of Port 3. |