| データシートサーチシステム |
|
P83C366BDR データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDR データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 92 page ![]() 1999 Mar 10 30 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 12 OSCILLATOR CIRCUITRY The on-chip oscillator circuitry of the P8xCx66 is a single-stage inverting amplifier biased by an internal feedback resistor. For operation as a standard quartz oscillator, no external components are needed. When using external ceramic resonators different configurations are supported (see Fig.15). The crystal oscillator operating frequency range is 4 to 12 MHz. Fig.14 Standard oscillator. MGM678 P8xCx66 VDD VDD Rbias C1i C2i XTALIN XTALOUT to internal timing circuits Fig.15 Alternative oscillator configurations. handbook, full pagewidth MGL294 XTALIN XTALOUT XTALIN XTALOUT STANDARD QUARTZ OSCILLATOR CERAMIC RESONATOR |