データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMX9820 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMX9820
部品情報  Bluetooth Serial Port Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX9820 Datasheet HTML 6Page - National Semiconductor (TI) LMX9820 Datasheet HTML 7Page - National Semiconductor (TI) LMX9820 Datasheet HTML 8Page - National Semiconductor (TI) LMX9820 Datasheet HTML 9Page - National Semiconductor (TI) LMX9820 Datasheet HTML 10Page - National Semiconductor (TI) LMX9820 Datasheet HTML 11Page - National Semiconductor (TI) LMX9820 Datasheet HTML 12Page - National Semiconductor (TI) LMX9820 Datasheet HTML 13Page - National Semiconductor (TI) LMX9820 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
www.national.com
10
6.0 Electrical Specifications (Continued)
6.3 RF PERFORMANCE CHARACTERISTICS
In the performance characteristics tables the following
applies:
• All tests performed are based on Bluetooth Test Specifi-
cation rev 0.91.
• All tests are measured at antenna port unless otherwise
specified
• TA = -40°C to +85°C
• VCC = 3.3V unless otherwise specified
• RF system performance specifications are guaranteed
on National Semiconductor Austin Board rev1.0b refer-
ence design platform.
Table 14. Receiver Performance Characteristics
Symbol
Parameter
Condition
Min
Typ1
Max
Unit
RXsense
2
Receive Sensitivity
BER < 0.001
2.402 GHz
-77
-74
dBm
2.441 GHz
-77
-74
dBm
2.480 GHz
-77
-74
dBm
PinRF
Maximum Input Level
-20
0
dBm
C/ICCI
Carrier to Interferer Ratio
in the Presence of Co-
channel Interferer
PinRF = -60 dBm,
BER < 0.001
911
dB
C/IACI
Carrier to Interferer Ratio
in the Presence of Adja-
cent Channel Interferer
∆F
ACI = + 1 MHz,
PinRF = -60 dBm,
BER < 0.001
-3
0
dB
∆F
ACI = + 2 MHz.
PinRF = -60 dBm,
BER < 0.001
-42
-30
dB
∆F
ACI = + 3 MHz,
PinRF = -67 dBm,
BER < 0.001
-46
-40
dB
C/IIMAGE
Image Frequency
Interference
∆F= - 2 MHz,
PinRF = -67 dBm,
BER < 0.001
-20
-9
dB
C/IIMAGE -
1MHz
Image Frequency
Interference
∆f = -3 MHz,
PinRF = -67 dBm,
BER < 0.001
-32
-20
dB
IMP3
Intermodulation
Interference Performance
F1= + 3 MHz,
F2= + 6 MHz,
PinRF = -64 dBm
-39
-31
dBm
ZRFIN
4
Input Impedance of RF
Port (RF_inout)
Single input impedance
Fin = 2.5 GHz
50
Return Loss5
Return Loss
-8
dB
OOB
Out Of Band Blocking
Performance
PinRF = -10 dBm,
30 MHz < FCWI < 2 GHz,
BER < 0.00
-10
dBm
PinRF = -27 dBm,
2000 MHz < FCWI < 2399 MHz,
BER < 0.001
-27
dBm
OOB
Out Of Band Blocking
Performance
(Continued)
PinRF = -27 dBm,
2498 MHz < FCWI < 3000 MHz,
BER < 0.001
-27
dBm
PinRF = -10 dBm,
3000 MHz < FCWI < 12.75 GHz,
BER < 0.001
-10
dBm
1.
Typical operating conditions are at 3.3V operating voltage and 25°C ambient temperature.
2.
The receiver sensitivity is measured at the device interface.
3.
The f0=-64dBm Bluetooth modulated signal, f1=-39dBm sine wave, f2=-39dBm Bluetooth modulated signal, f0=2f1-f2,
and |f2-f1|=n*1MHz, where n is 3,4 or 5. For the typical case, n = 3.
4.
Reference Smith Chart Figure 8 on page 13.
5.
Reference chart Figure 9 on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com