| データシートサーチシステム |
|
MB91F577CPMC データシート(PDF) 37 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CPMC データシート(HTML) 37 Page - Cypress Semiconductor |
|
37 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 37 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 106 P090 M General-Purpose I/O Port ADTG ADC External Trigger Input pin PPG0_2 PPG Output pin ch.0 relocation 2 107 P100 J General-Purpose I/O Port SIN4_1 LIN_UART Serial Input pin ch.4 relocation 1 AN0 ADC Analog Input pin ch.0 TIN0_1 Reload Timer Event Input pin ch.0 relocation 1 PPG8_0 PPG Output pin ch.8 relocation 0 108 Non connection - Non connection 109 P101 J General-Purpose I/O Port SOT4_1 LIN_UART Serial Output pin ch.4 relocation 1 AN1 ADC Analog Input pin ch.1 TIN1_1 Reload Timer Event Input pin ch.1 relocation 1 PPG9_0 PPG Output pin ch.9 relocation 0 110 Non connection - Non connection 111 P102 J General-Purpose I/O Port SCK4_1 LIN_UART Serial Clock I/O pin ch.4 relocation 1 AN2 ADC Analog Input pin ch.2 TIN2_1 Reload Timer Event Input pin ch.2 relocation 1 PPG10_0 PPG Output pin ch.10 relocation 0 ICU6_2 Input Capture Input pin ch.6 relocation 2 112 P103 J General-Purpose I/O Port SIN5_1 LIN_UART Serial Input pin ch.5 relocation 1 AN3 ADC Analog Input pin ch.3 TIN3_1 Reload Timer Event Input pin ch.3 relocation 1 PPG1_1 PPG Output pin ch.1 relocation 1 ICU7_2 Input Capture Input pin ch.7 relocation 2 113 Non connection - Non connection 114 P104 J General-Purpose I/O Port SOT5_1 LIN_UART Serial Output pin ch.5 relocation 1 AN4 ADC Analog Input pin ch.4 TOT0_1 Reload Timer Output pin ch.0 relocation 0 PPG2_1 PPG Output pin ch.2 relocation 1 ICU8_2 Input Capture Input pin ch.8 relocation 2 115 P105 J General-Purpose I/O Port SCK5_1 LIN_UART Serial Clock I/O pin ch.5 relocation 1 AN5 ADC Analog Input pin ch.5 TOT1_1 Reload Timer Output pin ch.1 relocation 1 PPG3_1 PPG Output pin ch.3 relocation 1 ICU9_2 Input Capture Input pin ch.9 relocation 2 116 Non connection - Non connection 117 P106 J General-Purpose I/O Port AN6 ADC Analog Input pin ch.6 PPG4_1 PPG Output pin ch.4 relocation 1 117 ICU10_2 J Input Capture Input pin ch.10 relocation 2 SGA4_1 Sound Generator SGA Output pin ch.4 relocation 1 |