| データシートサーチシステム |
|
MB91F577CPMC データシート(PDF) 27 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CPMC データシート(HTML) 27 Page - Cypress Semiconductor |
|
27 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 27 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 132 P001 M General-Purpose I/O Port D17_0 External Bus Data I/O pin SOT2_1 LIN_UART Serial Output pin ch.2 relocation 1 TIN1_2 Reload Timer Event Input pin ch.1 relocation 2 PPG1_0 PPG Output pin ch.1 relocation 0 D25_1 External Bus Data I/O pin INT1_1 External Interrupt Request Input pin ch.1 relocation 1 133 P002 M General-Purpose I/O Port D18_0 External Bus Data I/O pin SCK2_1 LIN_UART Serial Clock I/O pin ch.2 relocation 1 TIN2_2 Reload Timer Event Input pin ch.2 relocation 2 PPG2_0 PPG Output pin ch.2 relocation 0 D26_1 External Bus Data I/O pin INT2_1 External Interrupt Request Input pin ch.2 relocation 1 134 P003 M General-Purpose I/O Port D19_0 External Bus Data I/O pin SIN3_1 LIN_UART Serial Input pin ch.3 relocation 1 TIN3_2 Reload Timer Event Input pin ch.3 relocation 2 PPG3_0 PPG Output pin ch.3 relocation 0 D27_1 External Bus Data I/O pin INT3_1 External Interrupt Request Input pin ch.3 relocation 1 135 P004 M General-Purpose I/O Port D20_0 External Bus Data I/O pin SOT3_1 LIN_UART Serial Output pin ch.3 relocation 1 TOT0_2 Reload Timer Output pin ch.0 relocation 2 PPG4_0 PPG Output pin ch.4 relocation 0 D28_1 External Bus Data I/O pin INT4_1 External Interrupt Request Input pin ch.4 relocation 1 136 P005 M General-Purpose I/O Port D21_0 External Bus Data I/O pin SCK3_1 LIN_UART Serial Clock I/O pin ch.3 relocation 1 TOT1_2 Reload Timer Output pin ch.1 relocation 2 PPG5_0 PPG Output pin ch.5 relocation 0 D29_1 External Bus Data I/O pin INT5_1 External Interrupt Request Input pin ch.5 relocation 1 137 P006 M General-Purpose I/O Port D22_0 External Bus Data I/O pin TOT2_2 Reload Timer Output pin ch.2 relocation 2 PPG6_0 PPG Output pin ch.6 relocation 0 D30_1 External Bus Data I/O pin INT6_1 External Interrupt Request Input pin ch.6 relocation 1 |