データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1050ACPZ-R7 データシート(PDF) 8 Page - Analog Devices

部品番号 ADP1050ACPZ-R7
部品情報  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 データシート(HTML) 8 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Data Sheet
ADP1050
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
See Figure 2
Clock Operating Frequency
10
100
400
kHz
Glitch Immunity
50
ns
Bus Free Time
tBUF
1.3
µs
Between stop and start conditions
Start Setup Time
tSU;STA
0.6
µs
Repeated start condition setup time
Start Hold Time
tHD;STA
0.6
µs
Hold time after repeated start condition;
after this period, the first clock is
generated
Stop Setup Time
tSU;STO
0.6
µs
SDA Setup Time
tSU;DAT
100
ns
SDA Hold Time
tHD;DAT
125
ns
For readback
300
ns
For write
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Time
tLOW
0.6
µs
SCL High Time
tHIGH
0.6
µs
SCL Low Extended Time
tLOW;SEXT
25
ms
SCL, SDA Rise Time
tR
20
300
ns
SCL, SDA Fall Time
tF
20
300
ns
EEPROM
EEPROM Update Time
40
ms
Time from the update command to
completion of the EEPROM update
Reliability
Endurance2
10,000
Cycles
TJ = 85°C
1000
Cycles
TJ = 125°C
Data Retention3
20
Years
TJ = 85°C
15
Years
TJ = 125°C
1
CS3 is an alternative output current reading that is calculated by the CS1 reading (representing input current), duty cycle, and the main transformer turns ratio.
2
Endurance is qualified as per JEDEC Standard 22, Method A117, and is measured at −40°C, +25°C, +85°C, and +125°C.
3
Retention lifetime equivalent at junction temperature as per JEDEC Standard 22, Method A117.
TIMING DIAGRAM
SCL
SDA
P
S
tBUF
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tHD;STA
tSU;STA
tSU;STO
tLOW
tR
tF
S
P
Figure 2. Serial Bus Timing Diagram
Rev. A | Page 7 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93