データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1050ACPZ-R7 データシート(PDF) 24 Page - Analog Devices

部品番号 ADP1050ACPZ-R7
部品情報  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1050ACPZ-R7 データシート(HTML) 24 Page - Analog Devices

Back Button ADP1050ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1050ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
Data Sheet
ADP1050
PULSE SKIPPING
The pulse skipping function can reduce the switching loss under
very light load current conditions while keeping the output voltage
stable. Register 0xFE67[6] can be set to activate this function.
As the output current falls, the supply enters discontinuous
conduction mode (DCM). In DCM, the modulation value is a
function of the load current. If a very light load current requires
a modulation value (duty cycle) of less than the threshold set by
Register 0xFE69, pulse skipping mode is enabled. In pulse skipping
mode, the PWM output appears intermittently. If the digital
compensator signals an error requiring a modulation value that is
less than the threshold set by Register 0xFE69, no PWM pulses are
generated. If the digital compensator signals an error requiring a
modulation value that is greater than the threshold that is set by
Register 0xFE69, PWM pulses are generated. Pulse skipping
mode is always blanked during soft start.
PREBIAS STARTUP
The prebias start-up function provides the capability to start up
the ADP1050 with a prebiased voltage on the output. It protects
the power supply against existing external voltage on the output
during startup and ensures a monotonic startup before the power
supply reaches full regulation (see Figure 27).
VOUT
PSON
PWM
OUTPUTS
0V
Figure 27. Prebias Startup
The prebias start-up function is enabled by Register 0xFE25[7].
During prebias startup, the ADP1050 soft start ramp starts at
the existing voltage value sensed on the VS± pins, and the soft
start ramp time is reduced proportionally. The initial PWM
modulation value does not begin with zero but, instead, with
a value that builds a balanced relationship between the input
voltage and the output voltage. This balance avoids the sudden
charging or discharging of the output capacitor and achieves
a monotonic and smooth startup. The initial modulation value
is calculated by the following equation:
IN
NOM
IN
NOM
OUT
OUT
NOM
MODU
INI
MODU
V
V
V
V
t
t
_
_
_
_
×
×
=
where:
tMODU_INI is the initial modulation value when the controller begins
to generate PWM pulses during startup.
tMODU_NOM is the modulation value set by Register 0xFE39. This
value emulates the modulation value when the input voltage
and the output voltage are in the nominal condition.
VOUT is the output voltage sensed on the VS± pins.
VOUT_NOM is the nominal output voltage set by VOUT_COMMAND
(Register 0x21).
VIN_NOM is the nominal input voltage when the VF pin voltage = 1 V.
VIN is the sensed input voltage.
In addition, Register 0xFE6C[1] is set for correct operation. To
sense the input voltage (represented by VF) when the power supply
is off, use additional circuitry, such as an auxiliary power circuit,
to sense the input voltage.
If the input voltage signal is not available when the power is off,
the tMODU_INI value is calculated based on the tMODU_NOM and the
output voltage information. In this case, Register 0xFE6C[1]
is cleared to 0.
The initial modulation value is calculated as follows:
NOM
OUT
OUT
NOM
MODU
INI
MODU
V
V
t
t
_
_
_
×
=
where:
tMODU_INI is the initial modulation value when the controller begins
to generate PWM pulses during startup.
tMODU_NOM is the modulation value set by Register 0xFE39. This
value emulates the modulation value when the input voltage
and the output voltage are in the nominal condition.
VOUT is the output voltage sensed on the VS± pins.
VOUT_NOM is the nominal output voltage set by VOUT_COMMAND
(Register 0x21).
If the closed-loop line voltage feedforward function is selected,
the input voltage is introduced from the feedforward loop, and
the VIN value is always included for calculation of the initial
modulation value.
SR soft start can also be enabled in this mode to achieve a smooth
transition. See the Synchronous Rectification section for more
information.
VDD AND VCORE
When the voltage of the VDD pin (VDD) is applied, there is a
delay before the ADP1050 can regulate the power supply. When
VDD rises above the power-on reset and UVLO levels, it takes
~20 μs for the VCORE pin (Pin 15) to reach its operational point
of 2.6 V. The EEPROM contents are then downloaded to the
registers. The download takes approximately 120 μs. After the
EEPROM contents are downloaded, the ADP1050 is ready for
operation; however, it takes a maximum of 52 ms for the ADP1050
to complete initialization of the address after a power-on reset.
Therefore, it is recommended that the master device access the
ADP1050 at least 52 ms after a power-on reset.
If the ADP1050 is programmed to power up at this time, the soft
start ramp begins. Otherwise, the device waits for a PSON
signal, as programmed in Register 0x01 and Register 0x02.
Rev. A | Page 23 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93