| データシートサーチシステム |
|
WM8753LEB/RV データシート(PDF) 56 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8753LEB/RV データシート(HTML) 56 Page - Wolfson Microelectronics plc |
|
56 / 87 page ![]() Advanced Information WM8753L w AI Rev 3.1 June 2004 56 LEFT CHANNEL RIGHT CHANNEL LRC / VXFS BCLK / VXCLK DACDAT / ADCDAT / VXDIN / VXDOUT n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 1 BCLK / VXCLK Input Word Length (WL) 1/fs Figure 20 DSP Mode Audio Interface (mode B, LRP/PLRP=1) The Voice Interface may be configured for Mono mode, where only one channel of data is input or output. In this mode the interface should be configured for DSP mode. A short or long frame sync is supported and the MSB is available on either the 1 st (mode B) or 2nd (mode A) rising edge of VXCLK. VXFS VXCLK VXDIN / VXDOUT n 3 2 1 n-2 n-1 LSB MSB 1 VXCLK Input Word Length (WL) 1/fs Figure 21 Voice Interface Mono Mode (mode A, PLRP=0) VXFS VXCLK VXDIN / VXDOUT n 3 2 1 n-2 n-1 LSB MSB 1 VXCLK Input Word Length (WL) 1/fs Figure 22 Voice Interface Mono Mode (mode B, PLRP=0) |