| データシートサーチシステム |
|
WM8778 データシート(PDF) 18 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8778 データシート(HTML) 18 Page - Wolfson Microelectronics plc |
|
18 / 50 page ![]() WM8778 Product Preview w PP Rev 1.7 June 2004 18 LEFT JUSTIFIED MODE In left justified mode, the MSB of DIN is sampled by the WM8778 on the first rising edge of DACBCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on the same falling edge of ADCBCLK as ADCLRC and may be sampled on the rising edge of ADCBCLK. ADCLRC and DACLRC are high during the left samples and low during the right samples (Figure 12). LEFT CHANNEL RIGHT CHANNEL DACLRC/ ADCLRC DACBCLK/ ADCBCLK DIN/ DOUT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 12 Left Justified Mode Timing Diagram RIGHT JUSTIFIED MODE In right justified mode, the LSB of DIN is sampled by the WM8778 on the rising edge of DACBCLK preceding a DACLRC transition. The LSB of the ADC data is output on DOUT and changes on the falling edge of ADCBCLK preceding a ADCLRC transition and may be sampled on the rising edge of ADCBCLK. ADCLRC and DACLRC are high during the left samples and low during the right samples (Figure 13). LEFT CHANNEL RIGHT CHANNEL DACLRC/ ADCLRC DACBCLK/ ADCBCLK DIN/ DOUT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 13 Right Justified Mode Timing Diagram |